PART |
Description |
Maker |
BFP193 |
RF-Bipolar - For low noise, high-gain amplifiers up to 2 GHz and linear broadband amplifiers NPN Silicon RF Transistor
|
Infineon Technologies AG
|
MERA-7456 |
Dual Matched MMIC Amplifiers 双匹配MMIC放大 Surface Mount Dual Matched MMIC Amplifiers 50?/a> High Dynamic Range DC to 1 GHz Surface Mount Dual Matched MMIC Amplifiers 50з High Dynamic Range DC to 1 GHz From old datasheet system Surface Mount Dual Matched MMIC Amplifiers 50 High Dynamic Range DC to 1 GHz
|
Electronic Theatre Controls, Inc. ETC[ETC] MINI [Mini-Circuits] MINI[Mini-Circuits] List of Unclassifed Manufacturers
|
STB7102 STB7102TR 102 |
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS 0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SKD146-L100 SKD146_12-L100 SKD146_16-L100 SKD146/1 |
Transistor; Type: Amplifiers/Bipolar; VCEO (V): 12; Ic (A): 0.075; Pc (W): 0.7; hFE: 100 to 200; fT (GHz) typ: 7.8; Cob (pF) max: 0.9; NF (dB) typ: 1; Package: MPAK Transistor; Type: Amplifiers/Bipolar; VCEO (V): 4; Ic (A): 0.035; Pc (W): 0.05; hFE: 70 to 150; fT (GHz) typ: 20; Cob (pF) max: 0.15; NF (dB) typ: 1.15; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
TA020-040-37-35 |
2.0 ?4.0 GHz 36dBm Amplifiers
|
Transcom, Inc.
|
DG03-166 |
MONOLITHIC AMPLIFIERS 50?BROADBAND DC to 8 GHz
|
Mini-Circuits
|
STB7102 |
0.5/2.5 GHz LO MMIC BUFFER AMPLIFIERS
|
ST Microelectronics
|
TA053-059-38-36 |
5.3 - 5.9 GHz 4 W Amplifiers 5.3 - 5.9 GHz 4 W Amplifiers
|
Transcom, Inc.
|
BFQ19S |
RF-Bipolar - For low noise, low distortion broadband amplifiers in wireless systems up to 1.5 GHz NPN Silicon RF Transistor
|
Infineon Technologies AG
|